Part Number Hot Search : 
NE5532NG TK133V BU2050F1 HAT3015T SSM3K3 ON2041 ELECTRON FSDH321L
Product Description
Full Text Search
 

To Download 0510040500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0510040500 Active
microblade 2.00mm (.079") Pitch MicroBladeTM Wire-to-Board Housing, Friction Lock, 5.80mm (.228") Height, 5 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-51004-002 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series MolexKits Overview Product Name Crimp Housings 51004 Yes microblade MicroBladeTM
Physical
Circuits (maximum) Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating 5 94V-0 Receptacle No Yes Polyester 1 Bag No 0.079 In 2.00 mm No -20C to +85C
Search Parts in this Series 51004Series Mates With 53014 , 53015 , 53025 MicroBladeTM Headers Use With 50011 Crimp Terminal
Electrical
Current - Maximum per Contact 2A
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification SPK-51004-001 PS-51004-002, RPS-51004-001, RPS-51004-002, RPS-51004-003, RPS-51004-004, RPS-51004-006, RPS-51004-008, RPS-51004-010, RPS-51004-011, RPS-51004-012, RPS-51004-013, RPS-51004-014, RPS-51004-015, RPS-51004-016, RPS-51004-017, RPS-51004-018, RPS-51004-019, RPS-51004-020, RPS-51004-021, RPS-51004-022, RPS-51004-023, RPS-51004-024, RPS-51004-025 SD-51004-**00
Sales Drawing
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0510040500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X